PART |
Description |
Maker |
70AAJ-6-M0G 70AAJ-5-M0 70AAJ-2-M0G 70AAJ-3-M0G |
Modular Contacts 2.54mm 6Pin Male Standard Pins PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Battery Holder; Leaded Process Compatible:Yes RoHS Compliant: Yes Modular Contacts 2.54mm 3Pin Male Standard Pins
|
Bourns, Inc. BOURNS INC
|
39860-0106 39860-0104 39860-0102 39861-0105 |
CONN TERM BLOCK 6POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 4POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Neo 5.08mm TB Plug S86 STY 05 Ckt 02 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Pitch Spacing:0.2"; Body Material:Nylon 6/6; Gender:Plug; No. of Contacts:5; No. of Rows:1; Series:Beau Eurostyle 39861 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
RJHSE5381 |
2 PORT HIGH SPEED MODULAR JACK, 8 POSITION, 8 CONTACTS, SHIELDED AND WITH LED OPTIONS-ROHS COMPLIANT
|
Amphenol Corporation
|
JRC-19F2A24C0.51 JRC-19F2A12CB0.2 JRC-19F2A12CB0.5 |
CLUSTER PANEL,RJ-11 W/ (8) 6-W COMPOSANTS ELECTRONIQUES电子元件 COMPUTER PRODUCT COMPOSANTS ELECTRONIQUES电子元件 4 WIRE WALLMOUNT BLOCK COMPOSANTS ELECTRONIQUES电子元件 COMPOSANTS ELECTRONIQUES ELECTRONIC COMPONENTS COMPOSANTS ELECTRONIQUES电子元件 Modular Connector; Leaded Process Compatible:No; No. of Contacts:8; Peak Reflow Compatible (260 C):No; Modular Connector Type:RJ-45 COMPOSANTS ELECTRONIQUES电子元件 CLUSTER PANEL, RJ-45 W/ (12) 8 4 OR 6 WIRE INLINE CPLR CROSS- SWITCH TACT 6MM RIGHT ANG 160GF 6 WIRE WALLMOUNT BLOCK 10 WIRE MODULAR COUPLER M.CONN,RJ45 MALE,STRANDEDSMART PAK EXISTS
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers N/A DB Lectro, Inc.
|
RJSAE-5381-02 |
RJSAE SERIES 2X1 STACKABLE MODULAR JACK, 8 CONTACTS & 2 LED PER POST, SHIELDED WITH SIDE GROUND TABS
|
Amphenol Corporation
|
RJHSE-3381 |
SINGLE-PORT HIGH SPEED MODULAR JACK, 8 POSITIONS, 8 FLAT CONTACTS, WITH LED AND SHIELD-ROHS COMPLIANT
|
Amphenol Corporation
|
0901430104 90143-0104 |
2.54mm (.100) Pitch C-Grid III Modular Crimp Housing, Dual Row, 2 Polarizing Buttons, 4 Circuits 2.54mm (.100) Pitch C-Grid III垄芒 Modular Crimp Housing, Dual Row, 2 Polarizing Buttons, 4 Circuits
|
Molex Electronics Ltd.
|
0901430140 |
2.54mm (.100) Pitch C-Grid III Modular Crimp Housing, Dual Row, 4 Polarizing Buttons, 40 Circuits 2.54mm (.100) Pitch C-Grid III垄芒 Modular Crimp Housing, Dual Row, 4 Polarizing Buttons, 40 Circuits
|
Molex Electronics Ltd.
|
90123-0115 0901230115 |
2.54mm (.100) Pitch C-Grid III Modular Crimp Housing - Single Row, 2 Polarizing
|
Molex Electronics Ltd.
|
90143-0010 |
2.54mm (.100) Pitch C-Grid III Modular Crimp Housing, Dual Row, 10 Circuits
|
Molex Electronics Ltd.
|
90143-0060 |
2.54mm (.100) Pitch C-Grid III Modular Crimp Housing, Dual Row, 60 Circuits
|
Molex Electronics Ltd.
|
|